Part Number Hot Search : 
BAS116 LM2935 CA2902E MSK4890H 1N5250 COACH10S APA2037 AL1101
Product Description
Full Text Search
 

To Download ELC-1020-28-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Chip
discontinued Radiation Infrared
460 360 300
ELC-1020-28-1
10.04.2007 Type MQW Technology InGaAs/GaAs rev. 04/06 Electrodes N (cathode) up
typ. dimensions (m)
typ. thickness 260 (20) m cathode gold alloy, 1.5 m anode gold alloy, 1.5 m, solderable
PD-02
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Forward voltage Reverse voltage Radiant power1 Radiant power2 Peak wavelength Spectral bandwidth at 50% Switching time
1 2
Symbol
Min
Typ
Max
Unit
IF = 100 mA IR = 10 A IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA
VF VR e e p 0.5 tr, tf 1000 10 0.75
1.2
1.4
V V
1.5 3.0 1020 80 10 1050
mW mW nm nm ns
Measured on bare chip on TO-18 header with EPIGAP equipment Measured on epoxy covered chip on TO-18 header with EPIGAP equipment
Labeling
Type EL-1020-28-1 Lot N e(typ) [mW] VF(typ) [V] Quantity
Packing: Chips on adhesive film with wire-bond side on top
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 1


▲Up To Search▲   

 
Price & Availability of ELC-1020-28-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X